Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet (PDF) - STMicroelectronics

STC3117 Datasheet PDF - STMicroelectronics
Part # STC3117
Download  STC3117 Download
File Size   839.44 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Gas gauge IC with battery charger control for handheld applications

STC3117 Datasheet (PDF)

Go To PDF Page Download Datasheet
STC3117 Datasheet PDF - STMicroelectronics

Part # STC3117
Download  STC3117 Click to download

File Size   839.44 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Gas gauge IC with battery charger control for handheld applications

STC3117 Datasheet (HTML) - STMicroelectronics


STC3117 Product details

Description
The STC3117 includes the STMicroelectronics OptimGauge™ algorithm. It provides accurate battery state-of-charge (SOC) monitoring, tracks battery parameter changes with operation conditions, temperature, and aging, and allows the application to get a battery state-of-health (SOH) indication. An alarm output signals low SOC or low voltage conditions and also indicates fault conditions like a missing or swapped battery. CSP (1.49 x 1.594 mm)

Features
■ Patented OptimGauge™ algorithm for accurate battery capacity calculation
■ Robust initial open-circuit-voltage (OCV) measurement at power up
■ Programmable low battery alarm
■ Missing/swapped battery detection
■ Average current internal calculation
■ End-of-charge detection
■ Internal temperature sensor
■ Battery swap detection with protection against false battery insertion
■ Low power: 40 µA in voltage-only mode, 2 µA max in standby mode
■ 1.49 x 1.594 mm 9-bump CSP package

Applications
■ Mobile phones, multimedia players, digital cameras
■ Portable medical equipment




Similar Part No. - STC3117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115AIJT STMICROELECTRONICS-STC3115AIJT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115AIQT STMICROELECTRONICS-STC3115AIQT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115IJT STMICROELECTRONICS-STC3115IJT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115IQT STMICROELECTRONICS-STC3115IQT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
More results


Similar Description - STC3117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
Gas Gauge IC With Slow-Charge Control
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
Gas Gauge IC with External Charge Control
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ26501 TI-BQ26501 Datasheet
340Kb / 27P
SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2012 TI1-BQ2012_15 Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
BQ2014 TI1-BQ2014_15 Datasheet
1Mb / 27P
Gas Gauge IC with External Charge Control
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com