Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 6Page - STMicroelectronics STC3117 Datasheet HTML 7Page - STMicroelectronics STC3117 Datasheet HTML 8Page - STMicroelectronics STC3117 Datasheet HTML 9Page - STMicroelectronics STC3117 Datasheet HTML 10Page - STMicroelectronics STC3117 Datasheet HTML 11Page - STMicroelectronics STC3117 Datasheet HTML 12Page - STMicroelectronics STC3117 Datasheet HTML 13Page - STMicroelectronics STC3117 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Application information
STC3117
10/34
DocID025792 Rev 2
5
Application information
Figure 4. Example of an application schematic
Table 6. External component list
Name
Value
Tolerance
Comments
Rs
5 to 50 m
Ω
1 % to 5 % Current sense resistor (2% or better recommended)
C1
1 µF
Supply decoupling capacitor
C2
220 nF
Battery voltage input filter (optional)
R1
1 k
Ω
R2
Battery detection function
IO voltage
Optional filter
GND
Battery pack
Other
detection
circuit
Rid
C1
R1
STC3117
R2
SCL
SDA
ALM
CD
VCC
VIN
BATD
CS
C2
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com