Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 11Page - STMicroelectronics STC3117 Datasheet HTML 12Page - STMicroelectronics STC3117 Datasheet HTML 13Page - STMicroelectronics STC3117 Datasheet HTML 14Page - STMicroelectronics STC3117 Datasheet HTML 15Page - STMicroelectronics STC3117 Datasheet HTML 16Page - STMicroelectronics STC3117 Datasheet HTML 17Page - STMicroelectronics STC3117 Datasheet HTML 18Page - STMicroelectronics STC3117 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DocID025792 Rev 2
15/34
STC3117
Functional description
34
6.2.3
Mixed mode gas gauge system
The STC3117 implements a mixed mode gas gauge (OptimGaugeTM 1) that uses both the
Coulomb counter (CC) and the voltage mode (VM) algorithm to track the battery SOC in all
application conditions and automatically provide the optimum SOC information. The VM
algorithm cancels any long-term errors and prevents the SOC drift problem that is
commonly found in CC-only solutions.
The STC3117 automatically selects the best method based on the relaxation timer (see
Section 6.4: Current monitoring) as follows: when a low-power application state is detected
by the relaxation timer, the SOC reported by the STC3117 is the VM SOC, otherwise the CC
SOC is reported. The STC3117 manages the transitions between the VM and CC modes
without discontinuity by adjusting the VM and the CC SOC to ensure smooth SOC variations
without jumps in any application conditions.
The current mixed mode state is indicated by the GG_VM bit in the REG_CTRL register:
GG_VM=1 means the reported SOC is the VM SOC, otherwise the SOC is the CC SOC.
Note:
When the application enters standby mode, the STC3117 can be put into power-saving
mode by setting the VMODE bit to 1 in the REG_MODE register. Only the VM gas gauge
stays active, the CC is stopped, and the power consumption is reduced.
Figure 7. Mixed mode gas gauge block diagram
Adjustment registers
The registers REG_CC_ADJ and REG_VM_ADJ are signed 16-bit registers. They
accumulate the adjustment quantities made to the SOC values by the embedded mixed
mode algorithm:
REG_CC_ADJ = REG_SOC – (unadjusted CC SOC)
REG_VM_ADJ = REG_SOC – (unadjusted VM SOC)
These registers can be used by the system application to implement more sophisticated
algorithms for improved performance and accuracy.
Writing to the REG_SOC or REG_OCV initializes the two VM and CC algorithms to the
corresponding SOC value and clears REG_VM_ADJ and REG_CC_ADJ. It is possible to
write to the REG_SOC, REG_OCV, REG_VM_CNF and REG_CC_CNF registers when the
STC3117 is running without disturbing SOC management.
Note:
When writing to the REG_SOC or REG_OCV registers, the resulting SOC value is rounded
to the nearest 1/64 % value (the least three bits of REG_SOC are zero).
Voltage mode
(VM)
REG_SOC
register
Alarm
management
Parameter
tracking
Coulomb
counter
REG_VM_ADJ
register
REG_CC_ADJ
register
(CC)
SOC
management
gas gauge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com