Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 20Page - STMicroelectronics STC3117 Datasheet HTML 21Page - STMicroelectronics STC3117 Datasheet HTML 22Page - STMicroelectronics STC3117 Datasheet HTML 23Page - STMicroelectronics STC3117 Datasheet HTML 24Page - STMicroelectronics STC3117 Datasheet HTML 25Page - STMicroelectronics STC3117 Datasheet HTML 26Page - STMicroelectronics STC3117 Datasheet HTML 27Page - STMicroelectronics STC3117 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
I2C interface
STC3117
24/34
DocID025792 Rev 2
7.2.2
Register description
Values held in consecutive registers (such as the SOC value in the REG_SOC register pair)
are stored with low bits in the low-address register (L) and high bits in the high-address
register (H). The registers must be read with a single I2C access to ensure data integrity. It is
possible to read multiple values in one I2C access. All values must be consistent.
The SOC data are coded in binary format and the LSB of the low byte is 1/512 %. The
battery current is coded in 2’s complement format and the LSB value is 5.88 µV. The battery
voltage is coded in 2’s complement format and the LSB value is 2.20 mV. The temperature
is coded in 2’s complement format and the LSB value is 1°C.
RAM registers
32 to 47
REG_RAM0
32
R/W
0x00
0x00
Working register 0 for gas
gauge
...
...
...
REG_RAM15
47
R/W
0x00
0x00
Working register 15 for gas
gauge
OCV table registers
48 to 95
REG_OCVTAB0 (L-H) to
REG_OCVTAB15 (L-H)
48-49 to
78-79
R/W
See
table 14
See
table 14
OCV points, 2 bytes per
point (32 registers)
0.55 mV
REG_SOCTAB0 to
REG_SOCTAB15
80 to 95
R/W
See
table 14
See
table 14
SOC points, 1 byte per point
(16 registers)
1/2 %
Table 11. Register map (continued)
Name
Address
(decimal)
Type
POR
Soft
POR
Description
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com