Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 13Page - STMicroelectronics STC3117 Datasheet HTML 14Page - STMicroelectronics STC3117 Datasheet HTML 15Page - STMicroelectronics STC3117 Datasheet HTML 16Page - STMicroelectronics STC3117 Datasheet HTML 17Page - STMicroelectronics STC3117 Datasheet HTML 18Page - STMicroelectronics STC3117 Datasheet HTML 19Page - STMicroelectronics STC3117 Datasheet HTML 20Page - STMicroelectronics STC3117 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID025792 Rev 2
17/34
STC3117
Functional description
34
6.4
Current monitoring
The battery average current is monitored and is used in conjunction with a timer to
implement a battery relaxation timer.
Battery relaxation timer
The battery relaxation timer is used to detect a light-load, low-power condition.
The REG_CMONIT_COUNT register is an 8-bit, read-only counter that is incremented
every 4 s when the average current is inside a window defined by positive and negative
thresholds set by the REG_CURRENT_THRES register, and decremented every 500 ms
when the current is outside the thresholds.
When the counter reaches its maximum value set by the REG_CMONIT_MAX register, a
low-power condition is reported to the mixed mode algorithm causing VM mode to be used.
When the counter reaches its minimum value (0), a high-power condition is reported and CC
mode is used.
The REG_CMONIT_MAX register sets the maximum value of the counter. With the default
value (120 dec), the counter provides an 8-minute delay when switching from CC to VM
mode and a 1-minute delay when switching from VM to CC mode.
The REG_CURRENT_THRES register is an 8-bit R/W register set by the gas gauge
firmware from the I2C. It holds the threshold amplitude in bits 0 to 6 (unsigned value
applicable for both positive and negative thresholds). Bit 7 of REG_CURRENT_THRES is
reserved and must be set to zero for operation of the current monitoring counter as a
relaxation timer. The LSB value of the REG_CURRENT_THRES is 47.04 µV and provides a
range of 0 to 6 mV.
It is possible to set the counter to zero or the maximum value using the FORCE_CC and
FORCE_VM bits in the REG_MODE register. These bits are self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com