Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 14Page - STMicroelectronics STC3117 Datasheet HTML 15Page - STMicroelectronics STC3117 Datasheet HTML 16Page - STMicroelectronics STC3117 Datasheet HTML 17Page - STMicroelectronics STC3117 Datasheet HTML 18Page - STMicroelectronics STC3117 Datasheet HTML 19Page - STMicroelectronics STC3117 Datasheet HTML 20Page - STMicroelectronics STC3117 Datasheet HTML 21Page - STMicroelectronics STC3117 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Functional description
STC3117
18/34
DocID025792 Rev 2
6.5
Power-up and battery swap detection
When the STC3117 is powered up at first battery insertion (power-on reset) or after a soft
reset condition (PORDET bit set by host), an automatic battery voltage, current and
temperature measurement cycle is made immediately after startup and debounce delay.
This feature enables the system controller to get the SOC of a newly inserted battery based
on the OCV.
The CD pin controls the battery charger to inhibit the charge during the initial OCV
measurement. The CD output is validated during the power-up/restart sequence but is
actually driven high only if the battery is present (BATD < 1.61V) and the battery voltage is
higher than a threshold (Vin > Vinmin_cd) at the beginning of the restart sequence.
The CD pin can be driven high under software control by using the bit FORCE_CD in the
REG_MODE register.
The BATD pin senses the presence of the battery independently of the battery voltage.
Figure 8. BATD and CD internal architecture overview
The BATD pin is an analog I/O. The input detection threshold is typically 1.61 V.
The CD pin is an output connected to the VCC level when active. Otherwise, it is high
impedance.
The BATD pin can be connected to the NTC sensor or to the identification resistor of the
battery pack. By default, the STC3117 provides an internal pull-up resistor for the detection
of battery removal. The internal resistor can be disabled by clearing the bit BATD_PU in the
REG_MODE register. When disabled, an external pull-up resistor or another device has to
pull the BATD pin high.
CD
BATD
VCC
CD_drive
1.61 V
+
-
Vinmin_cd level
Vin
+
-
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com