Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 25Page - STMicroelectronics STC3117 Datasheet HTML 26Page - STMicroelectronics STC3117 Datasheet HTML 27Page - STMicroelectronics STC3117 Datasheet HTML 28Page - STMicroelectronics STC3117 Datasheet HTML 29Page - STMicroelectronics STC3117 Datasheet HTML 30Page - STMicroelectronics STC3117 Datasheet HTML 31Page - STMicroelectronics STC3117 Datasheet HTML 32Page - STMicroelectronics STC3117 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DocID025792 Rev 2
29/34
STC3117
Package information
34
8.1
Flip Chip CSP 1.49 x 1.594 x 0.4 mm (N5) with coating ball
printing package information
Figure 13. Flip Chip CSP 1.49 x 1.594 x 0.4 mm (N5) package mechanical drawing
1. The terminal A1 on the bump side is identified by a distinguishing feature - for instance, by a circular “clear
area” typically 0.1 mm in diameter and/or a missing bump.
2. The terminal A1, on the back side, is identified by a distinguishing feature - for instance, by a circular “clear
area” typically 0.2 mm in diameter depending on the die size.
D1
fD
e
C
B
A
SE
fE1
fE2
e
E1
3
2
1
Bottom view
Top view
E
D
ccc
C
A
A1
A2
C
Øb
$
GAMS1701141057CB
A1 (see note 1 and 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com