Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 10Page - STMicroelectronics STC3117 Datasheet HTML 11Page - STMicroelectronics STC3117 Datasheet HTML 12Page - STMicroelectronics STC3117 Datasheet HTML 13Page - STMicroelectronics STC3117 Datasheet HTML 14Page - STMicroelectronics STC3117 Datasheet HTML 15Page - STMicroelectronics STC3117 Datasheet HTML 16Page - STMicroelectronics STC3117 Datasheet HTML 17Page - STMicroelectronics STC3117 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Functional description
STC3117
14/34
DocID025792 Rev 2
6.2.2
Voltage gas gauge algorithm
No current sensing is needed for the voltage gas gauge. An internal algorithm precisely
simulates the dynamic behavior of the battery and provides an estimation of the OCV. The
battery SOC is related to the OCV by means of a high-precision reference OCV curve built
into the STC3117.
Any change in battery voltage causes the algorithm to track both the OCV and SOC values,
taking into account the non-linear characteristics and time constants related to the chemical
nature of the Li-Ion and Li-Po batteries.
A single parameter fits the algorithm to a specific battery. The default value provides good
results for most battery chemistries used in hand-held applications.
Figure 6. Voltage gas gauge block diagram
Voltage gas gauge algorithm registers
The REG_VM_CNF configuration register is used to configure the parameter used by the
algorithm based on battery characteristic. The default value is 321 (corresponding to
160 m
Ω internal battery impedance and 1957 mAh Cnom battery capacity).
The REG_OCV register holds the estimated OCV value corresponding to the present
battery state.
The REG_OCVTAB and REG_SOCTAB registers define the OCV curve for a given battery
type; the default power-up values can be updated at software initialization.
The REG_VM_CNF register is a 12-bit integer value and is calculated from the averaged
internal resistance and nominal capacity of the battery as shown in Equation 2:
Equation 2
Ri is in m
Ω and Cnom is in mAh.
Example: Ri = 250 m
Ω, Cnom =1500 mAh, VM_CNF= 384
Voltage mode
algorithm
To SOC
management
(VM)
Reference
OCV
curve
AD
converter
VIN
register
REG_VOLTAGE
register
REG_VM_CNF
register
REG_OCV
register
REG_OCVTAB
register
REG_SOCTAB
VM_CNF
Ri
Cnom
×
977.78
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com