Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 26Page - STMicroelectronics STC3117 Datasheet HTML 27Page - STMicroelectronics STC3117 Datasheet HTML 28Page - STMicroelectronics STC3117 Datasheet HTML 29Page - STMicroelectronics STC3117 Datasheet HTML 30Page - STMicroelectronics STC3117 Datasheet HTML 31Page - STMicroelectronics STC3117 Datasheet HTML 32Page - STMicroelectronics STC3117 Datasheet HTML 33Page - STMicroelectronics STC3117 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
DocID025792 Rev 2
33/34
STC3117
Ordering information
34
9
Ordering information
10
Revision history
Table 16. Order code
Order code
Temperature range
Package
Packing
Marking
STC3117IJT
-40°C to +85°C
CSP 9-bump
Tape and reel
VWV
Table 17. Document revision history
Date
Revision
Changes
23-Jul-2014
1
Initial release
19-Jan-2015
2
Updated “low power” value in Features
Updated Section 6.1.4: Current sensing in mixed mode
Added Section 6.1.5: SOC change rate in voltage mode
Updated Figure 5: Coulomb counter block diagram
Updated example of Equation 2
Re-wrote Section 6.2.3: Mixed mode gas gauge system
Re-wrote Section 6.4: Current monitoring
Updated Section 6.5: Power-up and battery swap
detection.
Updated Table 11: Register map
Updated Table 12: REG_MODE - address 0
Updated Table 13: REG_CTRL - address 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com