Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 5 Page - STMicroelectronics

  STC3117 Datasheet HTML 1Page - STMicroelectronics STC3117 Datasheet HTML 2Page - STMicroelectronics STC3117 Datasheet HTML 3Page - STMicroelectronics STC3117 Datasheet HTML 4Page - STMicroelectronics STC3117 Datasheet HTML 5Page - STMicroelectronics STC3117 Datasheet HTML 6Page - STMicroelectronics STC3117 Datasheet HTML 7Page - STMicroelectronics STC3117 Datasheet HTML 8Page - STMicroelectronics STC3117 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DocID025792 Rev 2
5/34
STC3117
Pin assignment
34
2
Pin assignment
Figure 2. STC3117 pin connections (top view)
Table 1. STC3117 pin description
CSP bump
pin no.
Pin name
Type(1)
1. I = input, 0 = output, OD = open drain, A = analog, D = digital, NC = not connected
Function
C3
ALM
O/OD
Alarm signal output, open drain,
external pull-up with resistor
A2
SDA
I/OD
I2C serial data
B2
SCL
I_D
I2C serial clock
A3
GND
Ground
Analog and digital ground
B3
CS
I_A
Current sensing input
B1
BATD
I/OA
Battery detection input
A1
CD
O/OD
Battery charge inhibit (active high output)
C2
VCC
Supply
Power supply
C1
VIN
I_A
Battery voltage sensing input
Top view (balls are underneath)
GND
CD
CS
VIN
ALM
SCL
BATD
VCC
SDA
CSP (1.49 x 1.594 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com