Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 1 Page - STMicroelectronics

  STC3117 Datasheet HTML 1Page - STMicroelectronics STC3117 Datasheet HTML 2Page - STMicroelectronics STC3117 Datasheet HTML 3Page - STMicroelectronics STC3117 Datasheet HTML 4Page - STMicroelectronics STC3117 Datasheet HTML 5Page - STMicroelectronics STC3117 Datasheet HTML 6Page - STMicroelectronics STC3117 Datasheet HTML 7Page - STMicroelectronics STC3117 Datasheet HTML 8Page - STMicroelectronics STC3117 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
January 2015
DocID025792 Rev 2
1/34
STC3117
Gas gauge IC with battery charger control for handheld applications
Datasheet
- production data
Features
• Patented OptimGauge™ algorithm for accurate 
battery capacity calculation
• Robust initial open-circuit-voltage (OCV)
measurement at power up
• Programmable low battery alarm
• Missing/swapped battery detection
• Average current internal calculation
• End-of-charge detection
• Internal temperature sensor
• Battery swap detection with protection against
false battery insertion
• Low power: 40 µA in voltage-only mode, 2 µA
max in standby mode
• 1.49 x 1.594 mm 9-bump CSP package
Applications
• Mobile phones, multimedia players, digital
cameras
• Portable medical equipment
Description
The STC3117 includes the STMicroelectronics
OptimGauge™ algorithm. It provides accurate
battery state-of-charge (SOC) monitoring, tracks
battery parameter changes with operation
conditions, temperature, and aging, and allows
the application to get a battery state-of-health
(SOH) indication.
An alarm output signals low SOC or low voltage
conditions and also indicates fault conditions like
a missing or swapped battery.
CSP (1.49 x 1.594 mm)
www.st.com


Similar Part No. - STC3117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115AIJT STMICROELECTRONICS-STC3115AIJT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115AIQT STMICROELECTRONICS-STC3115AIQT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115IJT STMICROELECTRONICS-STC3115IJT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3115IQT STMICROELECTRONICS-STC3115IQT Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
More results

Similar Description - STC3117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
Gas Gauge IC With Slow-Charge Control
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
Gas Gauge IC with External Charge Control
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ26501 TI-BQ26501 Datasheet
340Kb / 27P
SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2012 TI1-BQ2012_15 Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
BQ2014 TI1-BQ2014_15 Datasheet
1Mb / 27P
Gas Gauge IC with External Charge Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com