Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 7Page - STMicroelectronics STC3117 Datasheet HTML 8Page - STMicroelectronics STC3117 Datasheet HTML 9Page - STMicroelectronics STC3117 Datasheet HTML 10Page - STMicroelectronics STC3117 Datasheet HTML 11Page - STMicroelectronics STC3117 Datasheet HTML 12Page - STMicroelectronics STC3117 Datasheet HTML 13Page - STMicroelectronics STC3117 Datasheet HTML 14Page - STMicroelectronics STC3117 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID025792 Rev 2
11/34
STC3117
Functional description
34
6
Functional description
6.1
Battery monitoring functions
6.1.1
Operating modes
The monitoring functions include the measurement of battery voltage, current, and
temperature. A Coulomb counter is available to track the SOC when the battery is charging
or discharging at a high rate. A sigma-delta A/D converter is used to measure the voltage,
current, and temperature.
The STC3117 can operate in two different modes with different power consumption (see
Table 7. Mode selection is made by the VMODE bit in register 0 (refer to Table 12 for
register 0 definition).
In mixed mode, current is measured continuously (except for a conversion cycle every 4 s
and every 16 s for measuring voltage and temperature respectively). This provides the
highest accuracy from the gas gauge.
In voltage mode with no current sensing, a voltage conversion is made every 4 s and a
temperature conversion every 16 s. This mode provides the lowest power consumption.
It is possible to switch between the two operating modes to get the best accuracy during
active periods, and to save power during standby periods while still keeping track of the
SOC information.
6.1.2
Battery voltage monitoring
Battery voltage is measured by using one conversion cycle of the A/D converter every 4 s.
The conversion cycle takes 213 = 8192 clock cycles. Using the 32768 Hz internal clock, the
conversion cycle time is 250 ms.
The voltage range is 0 to 4.5 V and resolution is 2.20 mV. Accuracy of the voltage
measurement is ±0.5 % over the temperature range. This allows accurate SOC information
from the battery open-circuit voltage.
The result is stored in the REG_VOLTAGE register (see Table 11).
Table 7. STC3117 operating modes
VMODE
Description
0
Mixed mode, Coulomb counter is active, voltage gas gauge runs in parallel
1
Voltage gas gauge with power saving
Coulomb counter is not used. No current sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com