Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 26Page - STMicroelectronics STC3117 Datasheet HTML 27Page - STMicroelectronics STC3117 Datasheet HTML 28Page - STMicroelectronics STC3117 Datasheet HTML 29Page - STMicroelectronics STC3117 Datasheet HTML 30Page - STMicroelectronics STC3117 Datasheet HTML 31Page - STMicroelectronics STC3117 Datasheet HTML 32Page - STMicroelectronics STC3117 Datasheet HTML 33Page - STMicroelectronics STC3117 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Package information
STC3117
30/34
DocID025792 Rev 2
Table 15. Flip Chip CSP 1.49 x 1.594 x 0.4 mm (N5) package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.545
0.60
0.655
0.021
0.024
0.026
A1
0.17
0.20
0.23
0.007
0.008
0.009
A2
0.38
0.4
0.42
0.015
0.016
0.017
b
0.23
0.26
0.29
0.009
0.010
0.011
D
1.43
1.46
1.49
0.056
0.057
0.059
D1
0.8
0.031
E
1.534
1.564
1.594
0.060
0.062
0.063
E1
0.8
0.031
e0.4
0.016
SE
0.015
0.001
fD
0.32
0.33
0.34
0.013
0.013
0.013
fE1
0.357
0.367
0.377
0.014
0.014
0.015
fE2
0.387
0.397
0.407
0.015
0.016
0.016
$
0.05
0.002
ccc
0.05
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com