Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 21Page - STMicroelectronics STC3117 Datasheet HTML 22Page - STMicroelectronics STC3117 Datasheet HTML 23Page - STMicroelectronics STC3117 Datasheet HTML 24Page - STMicroelectronics STC3117 Datasheet HTML 25Page - STMicroelectronics STC3117 Datasheet HTML 26Page - STMicroelectronics STC3117 Datasheet HTML 27Page - STMicroelectronics STC3117 Datasheet HTML 28Page - STMicroelectronics STC3117 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DocID025792 Rev 2
25/34
STC3117
I2C interface
34
7.2.3
REG_MODE and REG_CTRL register description
Table 12. REG_MODE - address 0
Name
Position
Type
Def.
Description
VMODE
0
R/W
1
0: Mixed mode (Coulomb counter active)
1: Power saving voltage mode
BATD_PU
1
R/W
1
BATD internal pull-up enable
0: internal pull-up disconnected
1: internal pull-up connected
FORCE_CD
2
R/W
0
0: CD driven by internal logic (refer to Section 6.5)
1: CD output is forced high
ALM_ENA
3
R/W
1
Alarm function
0: Disabled
1: Enabled
GG_RUN
4
R/W
0
0: Standby mode. Accumulator and counter
registers are frozen, gas gauge and battery
monitor functions are in standby.
1: Operating mode
FORCE_CC
5
R/W
0
Forces the relaxation timer to switch to the
Coulomb counter (CC) state.
Write 1, self clear to 0
Relaxation counter = 0
FORCE_VM
6
R/W
0
Forces the relaxation timer to switch to voltage
mode (VM) state.
Write 1, self clear to 0
Relaxation counter = Relax_max
7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com