Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STC3117
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STC3117 Datasheet HTML 2Page - STMicroelectronics STC3117 Datasheet HTML 3Page - STMicroelectronics STC3117 Datasheet HTML 4Page - STMicroelectronics STC3117 Datasheet HTML 5Page - STMicroelectronics STC3117 Datasheet HTML 6Page - STMicroelectronics STC3117 Datasheet HTML 7Page - STMicroelectronics STC3117 Datasheet HTML 8Page - STMicroelectronics STC3117 Datasheet HTML 9Page - STMicroelectronics STC3117 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Absolute maximum ratings and operating conditions
STC3117
6/34
DocID025792 Rev 2
3
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCMAX
Maximum voltage on VCC pin
6
V
VIO
Voltage on I/O pins
-0.3 to 6
TSTG
Storage temperature
-55 to 150
° C
TJ
Maximum junction temperature
150
ESD
Electrostatic discharge (HBM: human body model)(1)
1. Tested in compliance with MIL-883-H, AEC-Q100-002D and JEDEC JESD22-A114F
2kV
Electrostatic discharge (MM: machine model)(2)
2. Tested in compliance with MIL-883-H, AEC-Q100-003E and JEDEC JESD22-A115A
150
V
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Operating supply voltage on VCC
2.7 to 4.5
V
VMIN
Minimum voltage on VCC for RAM content retention
2.0
TOPER
Operating free air temperature range
-40 to 85
° C
TPERF
-20 to 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com