Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4034BM Datasheet (PDF) - Texas Instruments

CD4034BM Datasheet PDF - Texas Instruments
Part # CD4034BM
Download  CD4034BM Download
File Size   497.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register

CD4034BM Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4034BM Datasheet PDF - Texas Instruments

Part # CD4034BM
Download  CD4034BM Click to download

File Size   497.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register

CD4034BM Datasheet (HTML) - Texas Instruments


CD4034BM Product details

Features:

# Bidirectional parallel data input

® Parallel or serial inputs/parallel outputs

= Asynchronous or synchronous parallel
data foading

® Parallel data-input enable on “A” data
fines (3-state output)

® Data recirculation for register expansion

# Multipackage register expansion

® Fully static operation de:0-10 MHz typ.)
atVpp=10V

= Standardized, symmetrical output
characteristics

® 100% tested for quiescent current at 20 V

® 5.V, 10.V, and 15-V parametric ratings

® Maximum input current of 1A at 18 V
over full package temperature range;

100 nA at 18 V and 25°C

= Noise margin (over full package-temperature

range):
1Vatvpp=5V
2VatVpp=10V
25VatVpp=15V

® Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘8 Series CMOS Devices"




Similar Part No. - CD4034BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Texas Instruments
CD4034BM TI-CD4034BM Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034BM TI1-CD4034BM Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
CD4034BME4 TI-CD4034BME4 Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034BMG4 TI-CD4034BMG4 Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
More results


Similar Description - CD4034BM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
Jun-1989
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
System Logic Semiconduc...
SL4034B SLS-SL4034B Datasheet
71Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4034BE TI-CD4034BE Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com