Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4034B Datasheet (PDF) - System Logic Semiconductor

SL4034B Datasheet PDF - System Logic Semiconductor
Part # SL4034B
Download  SL4034B Download
File Size   71.86 Kbytes
Page   9 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register

SL4034B Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4034B Datasheet PDF - System Logic Semiconductor

Part # SL4034B
Download  SL4034B Click to download

File Size   71.86 Kbytes
Page   9 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description 8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register

SL4034B Datasheet (HTML) - System Logic Semiconductor


SL4034B Product details

8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
High-Voltage Silicon-Gate CMOS

The SL4034B is a static eight-stage parallel-or serial-input paralleloutput register. It can be used to: 1) bidirectionally transfer parallel information between two buses, 2) convert serial data to parallel form and direct the parallel data to either of two buses, 3) store (recirculate) parallel data, or 4) accept parallel data from either of two buses and convert that data to serial form.
All register stages are D-type master-slave flip-flops with separate master and slave clock inputs generated internally to allow synchronous or asynchronous data transfer from master to slave.

 • Operating Voltage Range: 3.0 to 18 V
 • Maximum input current of 1 μA at 18 V over full package temperature range; 100 nA at 18 V and 25°C
 • Noise margin (over full package temperature range):
    1.0 V min @ 5.0 V supply
    2.0 V min @ 10.0 V supply
    2.5 V min @ 15.0 Vsupply




Similar Part No. - SL4034B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4030 SLS-SL4030 Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
logo
International Rectifier
SL40307A-R19KHF IRF-SL40307A-R19KHF Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
logo
System Logic Semiconduc...
SL4030B SLS-SL4030B Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
SL4030BD SLS-SL4030BD Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
SL4030BN SLS-SL4030BN Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
More results


Similar Description - SL4034B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
Jun-1989
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4034BE TI-CD4034BE Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com