Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4034B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4034B
Description  8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4034B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4034B Datasheet HTML 1Page - System Logic Semiconductor SL4034B Datasheet HTML 2Page - System Logic Semiconductor SL4034B Datasheet HTML 3Page - System Logic Semiconductor SL4034B Datasheet HTML 4Page - System Logic Semiconductor SL4034B Datasheet HTML 5Page - System Logic Semiconductor SL4034B Datasheet HTML 6Page - System Logic Semiconductor SL4034B Datasheet HTML 7Page - System Logic Semiconductor SL4034B Datasheet HTML 8Page - System Logic Semiconductor SL4034B Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SL4034B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figure 2)
5.0
10
15
2
5
7
2
5
7
1
2.5
3.5
MHz
tPHL, tPLH
Maximum Propagation Delay, A(B) Parallel Data
In to B(A) Parallel Data Out; Serial to Parallel
Data Out (Figures 1,2)
5.0
10
15
700
240
170
700
240
170
1400
480
340
ns
tPLZ, tPHZ,
tPZL, tPZH
Maximum Propagation Delay, A/B or AE to “A”
Output (Figure 3)
5.0
10
15
400
160
120
400
160
120
800
320
240
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figures 1,2)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tsu
Minimum Setup Time, Serial Data to Clock
(Figure 4)
5.0
10
15
160
60
40
160
60
40
320
120
80
ns
tsu
Minimum Setup Time, Parallel Data to Clock
(Figure 4)
5.0
10
15
50
30
20
50
30
20
100
60
40
ns
th
Minimum Hold Time, Clock to Data (Figure 4)
5.0
10
15
50
15
10
50
15
10
100
30
20
ns
tw
Minimum Pulse Width, AE, P/S, A/S
(Figure 5)
5.0
10
15
350
140
80
350
140
80
700
280
160
ns
tw
Minimum Pulse Width, Clock (Figure 2)
5.0
10
15
250
100
70
250
100
70
500
200
140
ns
tr ,tf
Minimum Input Rise or Fall Time, Clock (Figure
2)
5.0
10
15
15
15
15
15
15
15
30
30
30
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com