Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4034B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4034B
Description  8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4034B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4034B Datasheet HTML 1Page - System Logic Semiconductor SL4034B Datasheet HTML 2Page - System Logic Semiconductor SL4034B Datasheet HTML 3Page - System Logic Semiconductor SL4034B Datasheet HTML 4Page - System Logic Semiconductor SL4034B Datasheet HTML 5Page - System Logic Semiconductor SL4034B Datasheet HTML 6Page - System Logic Semiconductor SL4034B Datasheet HTML 7Page - System Logic Semiconductor SL4034B Datasheet HTML 8Page - System Logic Semiconductor SL4034B Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL4034B
System Logic
Semiconductor
SLS
8-Stage Static Bidirectional Parallel/
Serial Input/Output Bus Register
High-Voltage Silicon-Gate CMOS
The SL4034B is a static eight-stage parallel-or serial-input parallel-
output register. It can be used to:
1) bidirectionally transfer parallel information between two buses, 2)
convert serial data to parallel form and direct the parallel data to either
of two buses, 3) store (recirculate) parallel data, or 4) accept parallel
data from either of two buses and convert that data to serial form.
Inputs that control the operations include a single -phase CLOCK (CL),
A DATA ENABLE (AE), ASYNCHRONOUS/SYNCHRONOUS (A/S),
A-BUS-TO-B-BUS/ B-BUS-TO-A-BUS (A/B), and PARALLEL/SERIAL
(P/S).
Data inputs include 16 bidirectional parallel data lines of which the
eight A data lines are inputs (3-state outputs) and the B data lines are
outputs (inputs) dependung on the signal level on the A/B input. In
addition, an input for SERIAL DATA is also provided.
All register stages are D-type master-slave flip-flops with
separate master and slave clock inputs generated internally to allow
synchronous or asynchronous data transfer from master to slave.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4034BD SOIC
TA = -55
° to 125° C
for package
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 24=VCC
PIN 12= GND


Similar Part No. - SL4034B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4030 SLS-SL4030 Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
logo
International Rectifier
SL40307A-R19KHF IRF-SL40307A-R19KHF Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
logo
System Logic Semiconduc...
SL4030B SLS-SL4030B Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
SL4030BD SLS-SL4030BD Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
SL4030BN SLS-SL4030BN Datasheet
37Kb / 4P
Quad Exclusive-OR Gate
More results

Similar Description - SL4034B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
Jun-1989
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
National Semiconductor ...
CD4034BM NSC-CD4034BM Datasheet
198Kb / 12P
8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4034BE TI-CD4034BE Datasheet
458Kb / 13P
CMOS 8-Stage Static Bidirectional Parallel/Serial
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com