Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4076B Datasheet (PDF) - Texas Instruments

CD4076B Datasheet PDF - Texas Instruments
Part # CD4076B
Download  CD4076B Download
File Size   524.26 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 4-Bit D-Type Registers

CD4076B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4076B Datasheet PDF - Texas Instruments

Part # CD4076B
Download  CD4076B Click to download

File Size   524.26 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 4-Bit D-Type Registers

CD4076B Datasheet (HTML) - Texas Instruments


CD4076B Product details

Features:
® Three-stats outputs
® input disabled without gating the clock
® Gated output control lines for
enabling or disabling the outputs
® Standardized, symmetrical output
characteristics
® 100% tested for quiescent current at 20 V
® Maximum input current of 1 yA at 18 V over
full package temperature range; 100 nA at
18 V and 25°C
® Noise margin over full package temperature
range:
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
® 5-V, 10-V, and 15-V parametric ratings
® Meets all requirements of JEDEC Tentative
Standard No. 13B, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4076B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4076B TI-CD4076B Datasheet
218Kb / 11P
CMOS 4-BIT D-TYPE REGISTERS
CD4076B TI1-CD4076B Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
CD4076B-MIL TI1-CD4076B-MIL Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
CD4076BE TI-CD4076BE Datasheet
218Kb / 11P
CMOS 4-BIT D-TYPE REGISTERS
CD4076BE TI1-CD4076BE Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
More results


Similar Description - CD4076B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
4-Bit Registers
logo
STMicroelectronics
HCC4076B STMICROELECTRONICS-HCC4076B Datasheet
290Kb / 13P
4 BIT D TYPE REGISTERS
Sep-1988
logo
Texas Instruments
CD4076B TI-CD4076B Datasheet
218Kb / 11P
CMOS 4-BIT D-TYPE REGISTERS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Intersil Corporation
CD4076BMS INTERSIL-CD4076BMS Datasheet
78Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
logo
STMicroelectronics
HCF4076B STMICROELECTRONICS-HCF4076B_02 Datasheet
217Kb / 9P
4 BIT D TYPE REGISTERS
Sep-2002
logo
Texas Instruments
CD4076B TI1-CD4076B_15 Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
CD4076BMS RENESAS-CD4076BMS Datasheet
357Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com