Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT623 Datasheet (PDF) - Texas Instruments

CD74FCT623 Datasheet PDF - Texas Instruments
Part # CD74FCT623
Download  CD74FCT623 Download
File Size   493.78 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

CD74FCT623 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74FCT623 Datasheet PDF - Texas Instruments

Part # CD74FCT623
Download  CD74FCT623 Click to download

File Size   493.78 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

CD74FCT623 Datasheet (HTML) - Texas Instruments


CD74FCT623 Product details

BiCMOS Technology With Low Quiescent
Power
Buffered Inputs
Noninverted Outputs
Input/Output Isolation From VCC
Controlled Output Edge Rates
64-mA Output Sink Current
Output Voltage Swing Limited to 3.7 V
SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
Package Options Include Plastic
Small-Outline (M) and Shrink Small-Outline
(SM) Packages and Standard Plastic (E) DIP

description
The CD74FCT623 is an octal bus transceiver that uses a small-geometry BiCMOS technology. The output stage
is a combination of bipolar and CMOS transistors that limits the output high level to two diode drops below VCC.
This resultant lowering of output swing (0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic
interference (EMI)] and minimizes VCC bounce and ground bounce and their effects during simultaneous output
switching. The output configuration also enhances switching speed and is capable of sinking 64 mA.
This device is a noninverting, 3-state, bidirectional transceiver-buffer intended for two-way transmission from
A bus to B bus or B bus to A bus, depending on the logic levels of the output-enable (OEAB, OEBA) inputs.
The dual output-enable provision gives these devices the capability to store data by simultaneously enabling
OEAB and OEBA. Each output reinforces its input under these conditions, and when all other data sources to
the bus lines are at high impedance, both sets of bus lines remain in their last states.
The CD74FCT623 is characterized for operation from 0°C to 70°C.




Similar Part No. - CD74FCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT623 TI-CD74FCT623 Datasheet
177Kb / 6P
FCT INTERFACE LOGIC(OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING)
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623M TI1-CD74FCT623M Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - CD74FCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT652 TI1-CD74FCT652 Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT245 TI1-CD74FCT245_16 Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT543 TI1-CD74FCT543_14 Datasheet
259Kb / 11P
BiCMOS OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT646 TI1-CD74FCT646_14 Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT2952A TI1-CD74FCT2952A Datasheet
160Kb / 9P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com