Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT623 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT623
Description  BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT623 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT623 Datasheet HTML 1Page - Texas Instruments CD74FCT623 Datasheet HTML 2Page - Texas Instruments CD74FCT623 Datasheet HTML 3Page - Texas Instruments CD74FCT623 Datasheet HTML 4Page - Texas Instruments CD74FCT623 Datasheet HTML 5Page - Texas Instruments CD74FCT623 Datasheet HTML 6Page - Texas Instruments CD74FCT623 Datasheet HTML 7Page - Texas Instruments CD74FCT623 Datasheet HTML 8Page - Texas Instruments CD74FCT623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CD74FCT623
BiCMOS OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS736 – JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Package Options Include Plastic
Small-Outline (M) and Shrink Small-Outline
(SM) Packages and Standard Plastic (E) DIP
description
The CD74FCT623 is an octal bus transceiver that uses a small-geometry BiCMOS technology. The output stage
is a combination of bipolar and CMOS transistors that limits the output high level to two diode drops below VCC.
This resultant lowering of output swing (0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic
interference (EMI)] and minimizes VCC bounce and ground bounce and their effects during simultaneous output
switching. The output configuration also enhances switching speed and is capable of sinking 64 mA.
This device is a noninverting, 3-state, bidirectional transceiver-buffer intended for two-way transmission from
A bus to B bus or B bus to A bus, depending on the logic levels of the output-enable (OEAB, OEBA) inputs.
The dual output-enable provision gives these devices the capability to store data by simultaneously enabling
OEAB and OEBA. Each output reinforces its input under these conditions, and when all other data sources to
the bus lines are at high impedance, both sets of bus lines remain in their last states.
The CD74FCT623 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
OEBA
OEAB
OPERATION
L
L
B data to A bus
H
H
A data to B bus
H
L
Isolation†
L
H
B data to A bus,
A data to B bus
† To prevent excess current in the
high-impedance (isolation) state, all I/O
terminals should be terminated with
10-k
Ω to 1-MΩ resistors.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
E, M, OR SM PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OEBA
B1
B2
B3
B4
B5
B6
B7
B8


Similar Part No. - CD74FCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT623 TI-CD74FCT623 Datasheet
177Kb / 6P
FCT INTERFACE LOGIC(OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING)
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623M TI1-CD74FCT623M Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT652 TI1-CD74FCT652 Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT245 TI1-CD74FCT245_16 Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT543 TI1-CD74FCT543_14 Datasheet
259Kb / 11P
BiCMOS OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT646 TI1-CD74FCT646_14 Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT2952A TI1-CD74FCT2952A Datasheet
160Kb / 9P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com