Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC75M Datasheet (PDF) - Texas Instruments

CD74HC75M Datasheet PDF - Texas Instruments
Part # CD74HC75M
Download  CD74HC75M Download
File Size   505.38 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Bit Bistable Transparent Latch

CD74HC75M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC75M Datasheet PDF - Texas Instruments

Part # CD74HC75M
Download  CD74HC75M Click to download

File Size   505.38 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Bit Bistable Transparent Latch

CD74HC75M Datasheet (HTML) - Texas Instruments


CD74HC75M Product details

Features
• True and Complementary Outputs
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC75 and ’HCT75 are dual 2-bit bistable transparent
latches. Each one of the 2-bit latches is controlled by
separate Enable inputs (1E and 2E) which are active LOW.
When the Enable input is HIGH data enters the latch and
appears at the Q output. When the Enable input (1E and 2E)
is LOW the output is not affected.




Similar Part No. - CD74HC75M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75M TI-CD74HC75M Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M TI-CD74HC75M Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M TI-CD74HC75M Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M96 TI-CD74HC75M96 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M96 TI-CD74HC75M96 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
More results


Similar Description - CD74HC75M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
Texas Instruments
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Texas Instruments
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com