Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX96XXX Datasheet (PDF) - Synaptics Incorporated.

CX96XXX Datasheet PDF - Synaptics Incorporated.
Part # CX96XXX
Download  CX96XXX Download
File Size   240.79 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Integrated VDSL2 CPE Gateway Chipsets

CX96XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
CX96XXX Datasheet PDF - Synaptics Incorporated.

Part # CX96XXX
Download  CX96XXX Click to download

File Size   240.79 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Integrated VDSL2 CPE Gateway Chipsets

CX96XXX Datasheet (HTML) - Synaptics Incorporated.


CX96XXX Product details

Integrated VDSL2 CPE Gateway Chipsets



The CX96xxx chipset family enables next-generation, wireless VDSL2 gateways, VDSL2 VoIP Integrated Access Devices (IADs), and VDSL2 bridges. This chipset includes a highly integrated Analog Front End (AFE) and a single

chip ARM™ based Network Processor (NP), a flexible xDSL DSP core and a field-proven Voice DSP engine.



Distinguishing Features

•  Flexible VDSL2 DSP core architecture, delivering  profiles 8x, 12x, 17a and 30a with long reach

•  2 pair VDSL2 bonding

•  ADSL/ADSL2/ADSL2plus fallback capability

•  Two VoIP channels running in internal voice DSP

•  Supports up to 4 VoIP narrowband channels or 2  VoIP wideband channels

•  Enhanced high performance ARM network  processor core

•  16/32-bit DDR-1 interface

•  32-bit x 33MHz Peripheral Component  Interconnect (PCI)

•  Gigabit Media Independent Interface (GMII) with  Ten-Bit Interface (TBI) and Media Independent  Interface (MII) modes

•  MII in master or slave mode

•  ULPI interface for USB 2.0 host/device applications

•  Serial and parallel flash support

•  Up to 2GB NAND flash support

•  HW engine handling all layer 2 switching and layer 3 routing including Network Address Translation (NAT)

•  HW VPN engine supporting DES, 3DES, AES,  SHA-1, SHA-256 and MD5 operations



Applications

•  VDSL2 17 MHz or 30 MHz bridges

•  VDSL2 17MHz or 30 MHz gateways

•  Wireless VDSL2 17 MHz or 30 MHz gateways

•  VDSL2 17 MHz or 30 MHz voice gateways

•  VDSL2 12 MHz pair bonded voice gateway




Similar Part No. - CX96XXX

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX9 STATEK-CX9 Datasheet
182Kb / 2P
Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX9 EUROQUARTZ-CX9 Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX9-AT IQD-CX9-AT Datasheet
150Kb / 2P
Quartz Crystal Specification
logo
Beckhoff Automation Gmb...
CX9020 BECKHOFF-CX9020 Datasheet
174Kb / 4P
Basic CPU module
CX9020-0100 BECKHOFF-CX9020-0100 Datasheet
174Kb / 4P
Basic CPU module
More results


Similar Description - CX96XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
CENTAUR Integrated Multi-Port Gateway Solutions
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Bothhand USA, LP.
VD-7016K BOTHHAND-VD-7016K Datasheet
99Kb / 1P
INTEGRATED CPE SIDE HYBRID FILTER
VD-7089M BOTHHAND-VD-7089M Datasheet
94Kb / 1P
INTEGRATED CPE SIDE HYBRID FILTER
VD-7089A BOTHHAND-VD-7089A Datasheet
100Kb / 1P
INTEGRATED CPE SIDE HYBRID FILTER
logo
Micrel Semiconductor
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
Integrated Multi-Port PCI Gateway Solution
logo
Pulse A Technitrol Comp...
T699 PULSE-T699 Datasheet
510Kb / 2P
VDSL/VDSL2 Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com