Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet (PDF) - Microchip Technology

BM83 Datasheet PDF - Microchip Technology
Part # BM83_V01
Download  BM83 Download
File Size   5090.95 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microchip Technology [MICROCHIP]^97

BM83 Datasheet (PDF)

Go To PDF Page Download Datasheet
BM83 Datasheet PDF - Microchip Technology

Part # BM83_V01
Download  BM83 Click to download

File Size   5090.95 Kbytes
Page   76 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microchip Technology [MICROCHIP]^97

BM83 Datasheet (HTML) - Microchip Technology


BM83 Product details

Features
• Qualified for Bluetooth v5.0 Specification:
– HFP 1.7, HSP 1.2, A2DP 1.3, SPP 1.2, AVRCP 1.6, and PBAP 1.2
– Bluetooth classic (BR/EDR) and Bluetooth Low Energy
– General Attribute Profile (GATT) and General Access Profile (GAP)
– Bluetooth Low Energy Data Length Extension (DLE) and secure connection
• SDK:
– 8051 MCU debugging
– 24-bit program counter and data pointer modes
• Multi-Link:
– A2DP (maximum 3 devices)
– HFP (maximum 3 devices)
• Multi-Speaker (MSPK) Solution:
– Microchip's proprietary solution to connect a master speaker to one or more slave speakers
– With MSPK firmware, the BM83 can provide Concert mode and Stereo mode
• Audio Transceiver (AT) Solution:
– With AT firmware, the BM83 can work as either an A2DP source (where BM83 is the transmitter) or A2DP/HFP sink (where BM83 is a receiver)
• Audio Interfaces:
– Stereo line input
– Two analog microphones
– One stereo digital microphone
– Stereo audio Digital-to-Analog converter (DAC)
– Inter-IC (I2S) Sound input/output
– I2S Master Clock (MCLK)/reference clock
• USB, UART, and Over-the-Air (OTA) Firmware Upgrade
• Built-In Lithium-Ion and Lithium Polymer Battery Charger (Up To 350 mA Charging Current)
• Compact Surface Mount Module:
– 32 mm x 15 mm x 2.5 mm
– Castellated surface mount pads
– Module shield
• Integrated 3V and 1.8V Configurable Switching Regulator and Low-Dropout (LDO) RF/Analog
• Frequency Spectrum: 2.402 GHz to 2.480 GHz
• Receive Sensitivity: –90 dBm (2 Mbps EDR, at 0.01% BER)
• Programmable Transmit Output Power:
– Up to +10.4 dBm (typical) for Basic Data Rate (BDR)
– Up to +9.2 dBm (typical) for Enhanced Data Rate (EDR)
DSP Voice and Audio Processing
• 16/32-bit DSP Core with Enhanced 32-Bit Precision, Single Cycle Multiplier
• 64 Kbps A-Law, μ-Law Pulse Code Modulation (PCM), or Continuous Variable Slope Delta (CVSD) Modulation for Synchronous Connection-Oriented (SCO) Channel Operation
• 8/16 kHz Noise Reduction (NR)
• 8/16 kHz Acoustic Echo Cancellation (AEC)
• Modified Sub-Band Coding (mSBC) Decoder for Wideband Speech
• Packet Loss Concealment (PLC) for SBC and AAC Codecs Only
Audio Codec
• SBC and AAC
• 20-bit Audio Stereo DAC with Signal-to-Noise Ratio (SNR) 95 dB
• 16-bit Audio Stereo Analog-to-Digital Converter (ADC) with SNR 90 dB
• 16-bit/24-bit I2S Digital Audio:
– 8 kHz, 16 kHz, 44.1 kHz, and 48 kHz sampling frequency for SBC and AAC
Peripherals
• Successive Approximation Register Analog-to-Digital Converter (SAR ADC) with Dedicated Channels:
– Battery voltage detection and adapter voltage detection
– Charger thermal protection and ambient temperature detection
• UART (With Hardware Flow Control)
• USB (Full-Speed USB 1.1 Interface)
• Inter-Integrated Circuit (I2C™) Master
• One Pulse Width Modulation (PWM) Channel
• Two LED Drivers
• Up to 18 General Purpose Inputs/Outputs (GPIOs)
• 2-wire 8051 MCU Joint Test Action Group (JTAG) Debug
Operating Conditions
• Operating Voltage: 3.2V to 4.2V
• Operating Temperature: –40°C to +85°C
Compliance
• Bluetooth Special Interest Group (SIG) QDID: 134083 (Class1) and 134099 (Class2)
• Certified to the United States (FCC), Canada (ISED), Europe (CE), Korea (KCC), Taiwan (NCC), and Japan
(MIC) Radio Regulations
• RoHS Compliant
Applications
• Portable Speaker
• Multiple Speakers
• Headphones




Similar Part No. - BM83_V01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Microchip Technology
BM83SM1 MICROCHIP-BM83SM1 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
BM83SM1-00AA MICROCHIP-BM83SM1-00AA Datasheet
4Mb / 76P
BM83 Bluetooth® Stereo Audio Module Data Sheet
More results


Similar Description - BM83_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Microchip Technology
HCS300 MICROCHIP-HCS300_11 Datasheet
714Kb / 36P
Microchip Technology Inc. is a code hopping encoder designed
2011
logo
AVX Corporation
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
Standard Microchip
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
TACmicrochip짰 Standard Microchip
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACK105M010QTA AVX-TACK105M010QTA Datasheet
115Kb / 3P
TACmicrochip짰 Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
A Subsidiary of Microchip Technology Inc.
2009
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
Free Microchip TCP/IP stack
10/19/04
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com