Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS2302 Datasheet (PDF) - Qorvo, Inc

TGS2302 Datasheet PDF - Qorvo, Inc
Part # TGS2302
Download  TGS2302 Download
File Size   326.48 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 4 – 20 GHz VPIN SPDT Switch

TGS2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGS2302 Datasheet PDF - Qorvo, Inc

Part # TGS2302
Download  TGS2302 Click to download

File Size   326.48 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 4 – 20 GHz VPIN SPDT Switch

TGS2302 Datasheet (HTML) - Qorvo, Inc


TGS2302 Product details

Product Features • Frequency Range: 4 - 20 GHz • Insertion Loss: < 0.9 dB • Isolation: 35 dB Nominal • Return Loss: 12dB typical. • On-Chip Bias Network • DC Blocked at RF ports • Die Dimensions: 2.24 x 1.63 x 0.10 mm

Applications • EW Receivers • Radar • Communications Systems




Similar Part No. - TGS2302

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
231Kb / 9P
4 - 20 GHz VPIN SPDT Switch
TGS2302 TRIQUINT-TGS2302 Datasheet
580Kb / 9P
4 - 20 GHz VPIN SPDT Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
4 - 20 GHz VPIN SPDT Switch
More results


Similar Description - TGS2302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
231Kb / 9P
4 - 20 GHz VPIN SPDT Switch
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
logo
TriQuint Semiconductor
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
4 - 18 GHz VPIN SP3T Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
4 - 20 GHz VPIN SPDT Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
4 - 18 GHz VPIN SP3T Switch
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
2 - 20 GHz Dual Stage VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
0.1 ??20 GHz 10 Watt VPIN Limiter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com