Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP9107-PCB Datasheet (PDF) - Qorvo, Inc

TQP9107-PCB Datasheet PDF - Qorvo, Inc
Part # TQP9107-PCB
Download  TQP9107-PCB Download
File Size   854.56 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 600 – 960 MHz 2-stage Power Amplifier

TQP9107-PCB Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP9107-PCB Datasheet PDF - Qorvo, Inc

Part # TQP9107-PCB
Download  TQP9107-PCB Click to download

File Size   854.56 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 600 – 960 MHz 2-stage Power Amplifier

TQP9107-PCB Datasheet (HTML) - Qorvo, Inc


TQP9107-PCB Product details

Product Features
• 600 – 960 MHz Frequency Range
• 35.5 dB gain
• +46 dBm Output IP3 at Pout = +24 dBm/tone
• 31% PAE at +27 dBm Pout
• Internally Matched
• Integrated Inter-Stage Matching
• Bias Adjustable
• Low idle current

Applications
• Wireless Infrastructure
• Repeaters, Boosters, DAS
• High Power Amplifiers
• Small cell BTS




Similar Part No. - TQP9107-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9107-PCB TRIQUINT-TQP9107-PCB Datasheet
275Kb / 9P
699-960 MHz 2-stage Power Amplifier
More results


Similar Description - TQP9107-PCB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Stealth Microwave, Inc.
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
925-960 MHz 20 Watt Linear Power Amplifier
SM09296-51LD STEALTH_MICROWAVE-SM09296-51LD Datasheet
153Kb / 3P
920 - 960 MHz 120 Watt Power Amplifier
logo
STMicroelectronics
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
2-stage RF power amplifier
31-Mar-2010
logo
TriQuint Semiconductor
TQP9107 TRIQUINT-TQP9107_15 Datasheet
275Kb / 9P
699-960 MHz 2-stage Power Amplifier
logo
M/A-COM Technology Solu...
MAMG-000912-090PSM MA-COM-MAMG-000912-090PSM Datasheet
1Mb / 6P
960-1215 MHz 90 W 2-Stage GaN Module
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
logo
WOLFSPEED, INC.
PTGA090304MD WOLFSPEED-PTGA090304MD Datasheet
1Mb / 12P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
Rev. 04.2, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com