Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1Q Datasheet (PDF) - Bel Fuse Inc.

C1Q Datasheet PDF - Bel Fuse Inc.
Part # C1Q
Download  C1Q Download
File Size   592.43 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Very Fast-Acting Chip Fuse

C1Q Datasheet (PDF)

Go To PDF Page Download Datasheet
C1Q Datasheet PDF - Bel Fuse Inc.

Part # C1Q
Download  C1Q Click to download

File Size   592.43 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Very Fast-Acting Chip Fuse

C1Q Datasheet (HTML) - Bel Fuse Inc.


C1Q Product details

Features
Fast Acting, Small size, 1206 SMD
Current rating from 250mA to 7A
Wide operating temperature range from -55℃ to 125℃
Tape and Reel for automatic SMD placement
Compatible with 260℃ IR Pb-free and wave soldering process
Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
(MSL = 1)
Halogen Free, Lead Free
AEC-Q Compliant
Meets Bel automotive qualification* * - Largely based on internal AEC-Q test plan

Applications
Notebook
LCD monitor
PC computer
Office electronic equipment
Industrial equipment
Medical equipment
POE, POE+
LCD / LED monitor
Power supply
LCD / LED TV
DC-DC Converter




Similar Part No. - C1Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C1Q BEL-C1Q Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q1 BEL-C1Q1 Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C1Q1 BEL-C1Q1 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
logo
Diodes Incorporated
C1Q1 DIODES-C1Q1 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
More results


Similar Description - C1Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com