Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2F Datasheet (PDF) - Bel Fuse Inc.

C2F Datasheet PDF - Bel Fuse Inc.
Part # C2F
Download  C2F Download
File Size   672.96 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Fast Acting Chip Fuse

C2F Datasheet (PDF)

Go To PDF Page Download Datasheet
C2F Datasheet PDF - Bel Fuse Inc.

Part # C2F
Download  C2F Click to download

File Size   672.96 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Surface Mount Fast Acting Chip Fuse

C2F Datasheet (HTML) - Bel Fuse Inc.


C2F Product details

Features
- Fast Acting, with improved surge withstand performance
- Small size, 0603 SMD
- Current rating from 300mA to 8A, fuse marked with ampere code
- Wide operating temperature range from -55℃ to 125℃
- Tape and Reel for automatic SMD placement
- Compatible with 260℃ IR Pb-free and wave soldering process
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
(MSL = 1)
- Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan

Applications
- Notebook - Automotive Navigation System
- LED Lighting
- Thin film transistor LCD flat-panel display screen
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor and LCD / LED TV
- Power supply
- DC-DC Converter




Similar Part No. - C2F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Hammond Manufacturing L...
C2F193523BK1 HAMMOND-C2F193523BK1 Datasheet
137Kb / 4P
Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
C2F193523LG1 HAMMOND-C2F193523LG1 Datasheet
137Kb / 4P
Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
C2F193531BK1 HAMMOND-C2F193531BK1 Datasheet
137Kb / 4P
Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
C2F193531LG1 HAMMOND-C2F193531LG1 Datasheet
137Kb / 4P
Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
More results


Similar Description - C2F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
0ABA BEL-0ABA Datasheet
909Kb / 4P
Surface Mount Fast Acting Chip Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com