Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2F Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C2F
Description  Surface Mount Fast Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2F Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C2F Datasheet HTML 1Page - Bel Fuse Inc. C2F Datasheet HTML 2Page - Bel Fuse Inc. C2F Datasheet HTML 3Page - Bel Fuse Inc. C2F Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C2F
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. C2F Feb2025
Temperature Derating Curve
Average Time Current Curve
Electrical Specifications
Part Number
Ampere
Rating
(A)
Marking
Code
Nominal
Cold
Resistance
(ohms)
Maximum
Volt-drop
@100% In
(Volt) max.
Voltage and
Interrupting
Ratings
Nominal
Melting I²T
@10 In
(A² Sec)
Maximum
Power
Dissipation
@100% In
(W)
Agency
Approvals
0686F0300-XX
300mA
F
0.720
0.315
See Table
of Safety
Approvals
on Page 1
for Voltage
and
associated
Interrupting
Ratings
0.00004
0.09
Y
0686F0500-XX
500mA
J
0.430
0.310
0.0003
0.16
Y
0686F0750-XX
750mA
M
0.225
0.230
0.0013
0.17
Y
0686F1000-XX
1A
1
0.150
0.215
0.0028
0.22
Y
0686F1250-XX
1.25A
P
0.110
0.195
0.0045
0.24
Y
0686F1500-XX
1.5A
R
0.088
0.185
0.008
0.28
Y
0686F2000-XX
2A
2
0.060
0.180
0.014
0.36
Y
0686F2500-XX
2.5A
T
0.035
0.115
0.027
0.29
Y
0686F3000-XX
3A
3
0.026
0.110
0.040
0.33
Y
0686F3500-XX
3.5A
Z
0.021
0.103
0.058
0.36
Y
0686F4000-XX
4A
4
0.017
0.100
0.110
0.40
Y
0686F5000-XX
5A
5
0.0135
0.098
0.140
0.49
Y
0686F6000-XX
6A
6
0.0113
0.106
0.210
0.64
Y
0686F7000-XX
7A
7
0.0092
0.107
0.350
0.75
Y
0686F8000-XX
8A
8
0.0075
0.097
0.500
0.78
Y
Consult manufacturer for other ratings
NOTES: Test Conditions
All test for ratings 300mA - 5A were conducted with fuse samples soldered on a PCB (1.6mm thick) test board with copper traces measuring
0.035 mm (35μm) nominal thickness (1 oz.clad), 5mm wide and 100 mm overall length.
All test for ratings 6A-8A were conducted with fuse samples soldered on a PCB (1.6mm thick) test board with copper traces measuring 0.070
mm (70
μm) nominal thickness (2 oz. clad), 7.5mm wide and 100 mm overall length.
Device designed to be mounted with marking facing up.
Device designed to carry rated current for 4 hours minimum. It is recommended that device be operated continuously at no more than 80% of
rated current when in a +25°C ambient, with further derating at elevated ambient temperatures.
Specifications subject to change without notice
0.001
0.01
0.1
1
10
100
0.1
1
10
100
CURRENT IN AMPERES
C2F - TIME CURRENT CHARACTERISTIC CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com