Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1951 Datasheet (PDF) - Renesas Technology Corp

F1951 Datasheet PDF - Renesas Technology Corp
Part # F1951
Download  F1951 Download
File Size   1683.89 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Bit Digital Step Attenuator, 1MHz to 4000MHz

F1951 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1951 Datasheet PDF - Renesas Technology Corp

Part # F1951
Download  F1951 Click to download

File Size   1683.89 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Bit Digital Step Attenuator, 1MHz to 4000MHz

F1951 Datasheet (HTML) - Renesas Technology Corp


F1951 Product details

Features
■ Serial and 6-bit Parallel Interface
■ 31.5dB Control Range
■ 0.5dB step
■ Glitch-FreeTM, low transient overshoot
■ 3.0 V to 5.25 V supply
■ 1.8 V or 3.3 V control logic
■ Attenuation Error < 0.20 dB at 2GHz
■ Low Insertion Loss < 1.4 dB at 2GHz
■ Ultra Linear IIP3 > +60dBm
■ IIP2 = +110 dBm typical
■ Stable Integral Non-Linearity over temperature
■ Low Current Consumption 550 μA typical
■ -55 °C to +105 °C operating temperature
■ 4 x 4 mm Thin QFN 20-pin package




Similar Part No. - F1951

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
F1951 RENESAS-F1951 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
More results


Similar Description - F1951

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com