Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1951 Datasheet (PDF) - Integrated Device Technology

F1951 Datasheet PDF - Integrated Device Technology
Part # F1951
Download  F1951 Download
File Size   1689.92 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 6-bit 0.5 dB Digital Step Attenuator

F1951 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1951 Datasheet PDF - Integrated Device Technology

Part # F1951
Download  F1951 Click to download

File Size   1689.92 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 6-bit 0.5 dB Digital Step Attenuator

F1951 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F1951

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
F1951 RENESAS-F1951 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
F1951 RENESAS-F1951 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
More results


Similar Description - F1951

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com