Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1952 Datasheet (PDF) - Renesas Technology Corp

F1952 Datasheet PDF - Renesas Technology Corp
Part # F1952
Download  F1952 Download
File Size   2813.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz

F1952 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1952 Datasheet PDF - Renesas Technology Corp

Part # F1952
Download  F1952 Click to download

File Size   2813.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz

F1952 Datasheet (HTML) - Renesas Technology Corp


F1952 Product details

FEATURES
• Glitch-FreeTM, < 0.6 dB transient overshoot
• Spurious Free Design
• 3 V to 5.25 V supply
• Attenuation Error < 0.2 dB @ 2 GHz
• Low Insertion Loss < 1.2 dB @ 2 GHz
• Excellent Linearity +65 dBm IP3I
• Fast settling time, < 450 ns
• Class 2 JEDEC ESD (> 2kV HBM)
• Serial Interface 31.5 dB Range
• Stable Integral Non-Linearity over temperature
• 4x4 mm Thin QFN 24 pin package




Similar Part No. - F1952

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1952 RENESAS-F1952 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1952 RENESAS-F1952 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
F1952 RENESAS-F1952 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1952 RENESAS-F1952 Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
F1952 RENESAS-F1952 Datasheet
1Mb / 19P
6-bit Digital Step Attenuator 400 to 4000 MHz
February 9, 2022
More results


Similar Description - F1952

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
logo
Analog Devices
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com