Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTF1953 Datasheet (PDF) - Integrated Device Technology

IDTF1953 Datasheet PDF - Integrated Device Technology
Part # IDTF1953
Download  IDTF1953 Download
File Size   2024.07 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 6-bit Digital Step Attenuator

IDTF1953 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTF1953 Datasheet PDF - Integrated Device Technology

Part # IDTF1953
Download  IDTF1953 Click to download

File Size   2024.07 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 6-bit Digital Step Attenuator

IDTF1953 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - IDTF1953

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
IDTF1950 RENESAS-IDTF1950 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
More results


Similar Description - IDTF1953

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com