Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1978 Datasheet (PDF) - Renesas Technology Corp

F1978 Datasheet PDF - Renesas Technology Corp
Part # F1978
Download  F1978 Download
File Size   3972.08 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz

F1978 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1978 Datasheet PDF - Renesas Technology Corp

Part # F1978
Download  F1978 Click to download

File Size   3972.08 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz

F1978 Datasheet (HTML) - Renesas Technology Corp


F1978 Product details

Description
The F1978 Digital Step Attenuator (DSA) is a product in IDT’s
Glitch-FreeTM DSA Family, which is optimized for the demanding
requirements of CATV and satellite systems. It operates in the
frequency range of 5MHz to 3000MHz. This device is offered in a
compact 4mm  4mm, 20-pin Thin QFN package with a 75Ω
impedance for ease of integration.
The F1978 DSA has RF performance identical to the F1975
Digital Step Attenuator. The difference between the F1978 and
F1975 is that the F1978 has an additional programming mode
called Direct Serial Programming. Consult the “Programming”
section of this datasheet or the application note AN-945
“Comparison of F1975 and F1978 Digital Step Attenuator
Serial Programming Methods.”

Features
 Frequency: 5MHz to 3000MHz
 Serial and 6-bit parallel interface
 31.5dB control range
 0.5dB step
 Glitch-FreeTM technology, low transient overshoot
 3.0V to 5.25V supply
 1.8V or 3.3V control logic
 Attenuator step error: 0.1dB at 1GHz
 Low insertion loss: 1.2dB at 1GHz
 Ultra-linear IIP3: +64dBm
 IIP2: +125dBm typical
 Stable integral non-linearity over temperature
 Low current consumption: 550µA typical
 Bi-directional
 Operating temperature: -40°C to +105°C
 4mm  4mm, 20-TQFN package




Similar Part No. - F1978

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978EVBI IDT-F1978EVBI Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978EVSI IDT-F1978EVSI Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978NCGK IDT-F1978NCGK Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978NCGK8 IDT-F1978NCGK8 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
More results


Similar Description - F1978

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Qorvo, Inc
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com