Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1978 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1978 Datasheet HTML 1Page - Renesas Technology Corp F1978 Datasheet HTML 2Page - Renesas Technology Corp F1978 Datasheet HTML 3Page - Renesas Technology Corp F1978 Datasheet HTML 4Page - Renesas Technology Corp F1978 Datasheet HTML 5Page - Renesas Technology Corp F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
6-Bit, 75Ω Digital Step Attenuator
5MHz to 3GHz
F1978
Datasheet
© 2017 Integrated Device Technology, Inc.
1
Rev O August 28, 2017
Description
The F1978 Digital Step Attenuator (DSA) is a product in IDT’s
Glitch-FreeTM DSA Family, which is optimized for the demanding
requirements of CATV and satellite systems. It operates in the
frequency range of 5MHz to 3000MHz. This device is offered in a
compact 4mm
 4mm, 20-pin Thin QFN package with a 75Ω
impedance for ease of integration.
The F1978 DSA has RF performance identical to the F1975
Digital Step Attenuator. The difference between the F1978 and
F1975 is that the F1978 has an additional programming mode
called Direct Serial Programming. Consult the “Programming”
section of this datasheet or the application note AN-945
“Comparison of F1975 and F1978 Digital Step Attenuator
Serial Programming Methods.”
Advantages
Digital step attenuators are used in receivers and transmitters to
provide gain control. The F1978 is a 6-bit step attenuator optimized
for these demanding applications. The silicon design has very low
insertion loss and low distortion (+64dBm IIP3). The device has
pinpoint attenuation accuracy. Most importantly, the F1978
includes IDT’s Glitch-FreeTM technology, which results in low over-
shoot and ringing during most significant bit (MSB) transitions.
Glitch-FreeTM technology protects the power amplifier or
analog-to-digital converter (ADC) from damage during
transitions between attenuation states
Extremely accurate attenuation levels
Ultra-low distortion
Low insertion loss for best signal-to-noise ratio (SNR)
Allows direct serial programming of attenuation
Typical Applications
CATV infrastructure
CATV set-top boxes
CATV satellite modems
Data network equipment
Fiber networks
Features
Frequency: 5MHz to 3000MHz
Serial and 6-bit parallel interface
31.5dB control range
0.5dB step
Glitch-FreeTM technology, low transient overshoot
3.0V to 5.25V supply
1.8V or 3.3V control logic
Attenuator step error: 0.1dB at 1GHz
Low insertion loss: 1.2dB at 1GHz
Ultra-linear IIP3: +64dBm
IIP2: +125dBm typical
Stable integral non-linearity over temperature
Low current consumption: 550µA typical
Bi-directional
Operating temperature: -40°C to +105°C
4mm
 4mm, 20-TQFN package
Block Diagram
Figure 1. Block Diagram
Decoder
RF1
RF2
SPI
Bias
Glitch-FreeTM


Similar Part No. - F1978

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978EVBI IDT-F1978EVBI Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978EVSI IDT-F1978EVSI Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978NCGK IDT-F1978NCGK Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
F1978NCGK8 IDT-F1978NCGK8 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
More results

Similar Description - F1978

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Qorvo, Inc
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com