Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1978 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp F1978 Datasheet HTML 12Page - Renesas Technology Corp F1978 Datasheet HTML 13Page - Renesas Technology Corp F1978 Datasheet HTML 14Page - Renesas Technology Corp F1978 Datasheet HTML 15Page - Renesas Technology Corp F1978 Datasheet HTML 16Page - Renesas Technology Corp F1978 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
13
Rev O August 28, 2017
Conventional Serial Mode Programming
In the Conventional Serial Mode, the F1978 is programmed via the serial port on the rising edge of the Latch Enable (LE) signal. It is required
that LE be kept at logic LOW until all data bits are clocked into the shift register. The F1978 will change its attenuation state after the data word
is latched into the active register as illustrated in Figure 18. After the data word in the shift register has been latched into the active register, the
LE signal must be dropped LOW. This allows shifting new data into the shift register without uploading it to the active register until the next time
LE goes HIGH. The timing specification intervals are shown in blue font in Figure 18.
Figure 18. Conventional Serial Register Timing Diagram
Note: If the Conventional Serial Register programming method is used, the attenuator will change to the new attenuation state only after the
data word is latched into the active register, a single programming event. The Conventional Serial Register method is recommended for best
system performance.
Table 9.
Conventional Serial Mode Timing Table
Interval Symbol
Description
Min Spec
Max Spec
Units
tmc
Parallel Mode to Serial Mode setup time: from the rising edge of VMODE
to the rising edge of CLK for the D5 bit
100
ns
tds
Clock HIGH pulse width
10
ns
tcls
LE setup time: from the rising edge of the CLK pulse for D0 to LE rising
edge minus half the clock period
10
ns
tclh
LE hold time: from the falling edge of the LE pulse to the rising edge of
CLK
10
ns
tlew
LE pulse width
10
ns
tdcs
Data setup time: from the starting edge of the data bit to the rising edge
of CLK
10
ns
tdht
Data hold time: from rising edge of CLK to falling edge of the data bit
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com