Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC4614 Datasheet (PDF) - Qorvo, Inc

QPC4614 Datasheet PDF - Qorvo, Inc
Part # QPC4614
Download  QPC4614 Download
File Size   2609.14 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 5 −2000MHz Digital Step Attenuator

QPC4614 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC4614 Datasheet PDF - Qorvo, Inc

Part # QPC4614
Download  QPC4614 Click to download

File Size   2609.14 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 5 −2000MHz Digital Step Attenuator

QPC4614 Datasheet (HTML) - Qorvo, Inc


QPC4614 Product details

Key Features
 6-Bit, 31.5dB Range, 0.5dB Step
 Patented Circuit Architecture
 Frequency Range 5MHz to 2000MHz
 High Linearity, IIP3 69dBm Typical at 850MHz
 Serial and Parallel Control Interface
 RF Pads Have No DC Voltage; Can be DC Grounded
Externally
 Option to Turn Off Negative Voltage Generator and
Supply VSS Externally
 Power-up Default Setting Is Maximum Attenuation




Similar Part No. - QPC4614

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC4610 QORVO-QPC4610 Datasheet
915Kb / 26P
K-Band Downconverter
December 2024
QPC4610EVB-H QORVO-QPC4610EVB-H Datasheet
915Kb / 26P
K-Band Downconverter
December 2024
QPC4610EVB-L QORVO-QPC4610EVB-L Datasheet
915Kb / 26P
K-Band Downconverter
December 2024
QPC4610SR QORVO-QPC4610SR Datasheet
915Kb / 26P
K-Band Downconverter
December 2024
QPC4610TR7 QORVO-QPC4610TR7 Datasheet
915Kb / 26P
K-Band Downconverter
December 2024
More results


Similar Description - QPC4614

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
logo
RF Micro Devices
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
logo
TriQuint Semiconductor
QPC3614 TRIQUINT-QPC3614 Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
Digital Step Attenuator
logo
Qorvo, Inc
QPC3614 QORVO-QPC3614 Datasheet
2Mb / 19P
75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
QPC3624 QORVO-QPC3624 Datasheet
1Mb / 19P
75Ω 47−2000 MHz Digital Step Attenuator
7 Dec, 2016
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com