Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC3624 Datasheet (PDF) - Qorvo, Inc

QPC3624 Datasheet PDF - Qorvo, Inc
Part # QPC3624
Download  QPC3624 Download
File Size   1997.58 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 47−2000 MHz Digital Step Attenuator

QPC3624 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC3624 Datasheet PDF - Qorvo, Inc

Part # QPC3624
Download  QPC3624 Click to download

File Size   1997.58 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω 47−2000 MHz Digital Step Attenuator

QPC3624 Datasheet (HTML) - Qorvo, Inc


QPC3624 Product details

Key Features
 6-Bit, 31.5 dB Range, 0.5 dB Step
 Patented Circuit Architecture
 Overshoot-free Transient Switching Performance
 Frequency Range 47 MHz to 2000 MHz
 High Linearity, IIP3 55dBm Typical
 Serial and Parallel Control Interface
 Fast Switching Speed, <250 nsec Typical
 RF Pads Have No DC Voltage, Can be DC Grounded
Externally
 Option to Turn Off Negative Voltage Generator and
Supply VSS Externally
 Power-up Default Setting Is Maximum Attenuation




Similar Part No. - QPC3624

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
QPC3624PCK TRIQUINT-QPC3624PCK Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
QPC3624SQ TRIQUINT-QPC3624SQ Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
QPC3624SR TRIQUINT-QPC3624SR Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
QPC3624TR13 TRIQUINT-QPC3624TR13 Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
More results


Similar Description - QPC3624

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
Digital Step Attenuator DC-2400 MHz
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
logo
Teledyne Technologies I...
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com