Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6202EVS Datasheet (PDF) - Renesas Technology Corp

F6202EVS Datasheet PDF - Renesas Technology Corp
Part # F6202EVS
Download  F6202EVS Download
File Size   252.66 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz

F6202EVS Datasheet (PDF)

Go To PDF Page Download Datasheet
F6202EVS Datasheet PDF - Renesas Technology Corp

Part # F6202EVS
Download  F6202EVS Click to download

File Size   252.66 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz

F6202EVS Datasheet (HTML) - Renesas Technology Corp


F6202EVS Product details

Features
 17.7 – 21.2GHz operation
 Supports 4 dual-pol or 8 single-pol elements
 Integrated Hi-Q transmit reject filter
 28dB typical channel gain
 26dB gain control with 0.45dB step size
 360° phase control with 6-bit resolution
 2.3V and 1V nominal supply inputs
 Standard 1.8V digital logic
 Temperature compensation
 Temperature sensor w/ digital readout
 Advanced digital modes with fast beam steering
 On-chip beam-state memory
 7.6  7.6  0.9 mm, 165-FCBGA




Similar Part No. - F6202EVS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6212AVGI RENESAS-F6212AVGI Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6212AVGI8 RENESAS-F6212AVGI8 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6212EVS RENESAS-F6212EVS Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
logo
Integrated Technology F...
F6222 ITF-F6222 Datasheet
169Kb / 7P
SAW Bandpass Filter F6222
More results


Similar Description - F6202EVS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com