Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503 Datasheet (PDF) - Texas Instruments

CDCS503 Datasheet PDF - Texas Instruments
Part # CDCS503
Download  CDCS503 Download
File Size   530.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Clock Buffer/Clock Multiplier With Optional SSC

CDCS503 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCS503 Datasheet PDF - Texas Instruments

Part # CDCS503
Download  CDCS503 Click to download

File Size   530.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Clock Buffer/Clock Multiplier With Optional SSC

CDCS503 Datasheet (HTML) - Texas Instruments


CDCS503 Product details

1FEATURES
• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following
Results:
– Device Temperature Grade 2
– -40°C to 105°C Ambient Operating
Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• Part of a Family of Easy to Use Clock
Generator Devices With Optional Spread
Spectrum Clocking (SSC)
• Clock Multiplier With Selectable Output
Frequency and Selectable SSC
• SSC Controllable Through Two External Pins
– ±0%, ±0.5%, ±1%, ±2% Center Spread
• Frequency Multiplication Selectable Between
x1 or x4 With One External Control Pin
• Output Disable Through Control Pin
• Single 3.3 V Device Power Supply
• Wide Temperature Range –40°C to 105°C
• Low Space Consumption 8-Pin TSSOP
Package

APPLICATIONS
• Automotive Applications Requiring EMI
Reduction Through SSC and/or Clock
Multiplication

DESCRIPTION
The CDCS503-Q1 device is a spread spectrum capable, LVCMOS input clock buffer with selectable frequency
multiplication.
It shares major functionality with the CDCS502 but uses a LVCMOS input stage instead of the crystal input stage
of the CDCS502, and the CDCS503-Q1 has an output enable pin.
The device accepts a 3.3-V LVCMOS signal at the input.
The input signal is processed by a phased-locked loop (PLL), whose output frequency is either equal to the input
frequency or multiplied by the factor of four.
The PLL is also able to spread the clock signal by ±0%, ±0.5%, ±1% or ±2% centered around the output clock
frequency with a triangular modulation.
By this, the device can generate output frequencies between 8 MHz and 108 MHz with or without SSC.
A separate control pin can be used to enable or disable the output. The CDCS503-Q1 device operates in a 3.3-V
environment.
It is characterized for operation from –40°C to 105°C, and available in an 8-pin TSSOP package.




Similar Part No. - CDCS503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI1-CDCS503 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI2-CDCS503 Datasheet
520Kb / 12P
Clock Buffer/Clock Multiplier With Optional SSC
MARCH 2009
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503PW TI1-CDCS503PW Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
More results


Similar Description - CDCS503

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com