Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCS503
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS503 Datasheet(HTML) 5 Page - Texas Instruments

  CDCS503 Datasheet HTML 1Page - Texas Instruments CDCS503 Datasheet HTML 2Page - Texas Instruments CDCS503 Datasheet HTML 3Page - Texas Instruments CDCS503 Datasheet HTML 4Page - Texas Instruments CDCS503 Datasheet HTML 5Page - Texas Instruments CDCS503 Datasheet HTML 6Page - Texas Instruments CDCS503 Datasheet HTML 7Page - Texas Instruments CDCS503 Datasheet HTML 8Page - Texas Instruments CDCS503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDCS503-Q1
www.ti.com
SCAS924B – MARCH 2012 – REVISED JUNE 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.6
V
FS = 0
8
32
fIN
Input frequency
MHz
FS = 1
8
27
VIL
Low-level input voltage LVCMOS
0.3 VDD
V
VIH
High-level input voltage LVCMOS
0.7 VDD
V
VI
Input voltage threshold LVCMOS
0.5 VDD
V
CL
Output load test LVCMOS
15
pF
IOH/IOL
Output current
±12
mA
TA
Operating free-air temperature
–40
105
°C
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fout = 20 MHz; FS = 0, no SSC
19
IDD
Device supply current
mA
fout = 70 MHz; FS = 1, SSC = 2%
22
FS = 0
8
32
fOUT
Output frequency
MHz
FS = 1
32
108
IIH
LVCMOS input current
VI = VDD; VDD = 3.6 V
10
μA
IIL
LVCMOS input current
VI = 0 V; VDD = 3.6 V
–10
μA
IOH = - 0.1 mA
2.9
VOH
LVCMOS high-level output voltage
IOH = - 8 mA
2.4
V
IOH = - 12 mA
2.2
IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
IOL = 8 mA
0.5
V
IOL = 12 mA
0.8
IOZ
High-impedance-state output current
OE = Low
–2
2
μA
tJIT(C-C)
Cycle to cycle jitter(1)
fout = 108 MHz; FS = 1,
110
ps
SSC = 1%, 10000 Cycles
tr/tf
Rise and fall time(1)
20%–80%
0.75
ns
Odc
Output duty cycle(2)
45%
55%
fMOD
Modulation frequency
30
kHz
(1)
Measured with Test Load, see Figure 3.
(2)
Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCS503-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com