Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP160G Datasheet (PDF) - Toshiba Semiconductor

TLP160G Datasheet PDF - Toshiba Semiconductor
Part # TLP160G
Download  TLP160G Download
File Size   188.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GAAS IRED & PHOTO TRIAC

TLP160G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP160G Datasheet PDF - Toshiba Semiconductor

Part # TLP160G
Download  TLP160G Click to download

File Size   188.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GAAS IRED & PHOTO TRIAC

TLP160G Datasheet (HTML) - Toshiba Semiconductor


TLP160G Product details

Triac Drive Programmable Controllers

AC−Output Module Solid State Relay



The TOSHIBA mini flat coupler TLP160G is a small outline coupler, suitable for surface mount assembly.

The TLP160G consists of a photo triac, optically coupled to a gallium arsenide infrared emitting diode.



• Peak off-state voltage: 400 V (min.)

• Trigger LED current: 10 mA (max.)

• On−state current: 70 mA (max.)

• Isolation voltage: 2500 Vrms (min.)

• UL recognized: UL1577, file No. E67349



 




Similar Part No. - TLP160G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G Datasheet
257Kb / 5P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results


Similar Description - TLP160G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
Photocoupler GaAs Ired & Photo-Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com