Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ-1100 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTJ-1100 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTJ-1100
Download  ARTJ-1100 Download
File Size   32.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Straight Jack Crimp for RG316/U, RG174/U, RG188A/U, 100-Series

ARTJ-1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTJ-1100 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTJ-1100
Download  ARTJ-1100 Click to download

File Size   32.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Straight Jack Crimp for RG316/U, RG174/U, RG188A/U, 100-Series

ARTJ-1100 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTJ-1100 Product details

ELECTRICAL
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR:<1.50 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 30 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ARTJ-1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ-1404 L-COM-ARTJ-1404 Datasheet
48Kb / 1P
CON,RP-TNC JACK CRIMP LMR400
11/11/09
ARTJ-1708 L-COM-ARTJ-1708 Datasheet
64Kb / 1P
REVERSED POLARIZED TNC JACK
09/03/2010
More results


Similar Description - ARTJ-1100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73070 POMONA-73070 Datasheet
157Kb / 2P
SMA Plug to SMA Bulkhead Jack, RG316/U, RG58C/U
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
logo
Amphenol Corporation
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
logo
Pasternack Enterprises,...
PE44899 PASTERNACK-PE44899 Datasheet
427Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316/U, RG174A - U, RG188 IP 67 Rated
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
logo
Amphenol RF.
172132-BC RF-172132-BC Datasheet
150Kb / 1P
TYPE N BULKHEAD CRIMP JACK RG-55/U, 142/U, 223/U, 400/U BLACK PLATED
Rev. A
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com