Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ-1404 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTJ-1404 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTJ-1404
Download  ARTJ-1404 Download
File Size   48.39 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,RP-TNC JACK CRIMP LMR400

ARTJ-1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTJ-1404 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTJ-1404
Download  ARTJ-1404 Click to download

File Size   48.39 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,RP-TNC JACK CRIMP LMR400

ARTJ-1404 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTJ-1404 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.50 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.

REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - ARTJ-1404

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ-1100 L-COM-ARTJ-1100 Datasheet
32Kb / 1P
RP-TNC Straight Jack Crimp for RG316/U, RG174/U, RG188A/U, 100-Series
02/26/10
ARTJ-1708 L-COM-ARTJ-1708 Datasheet
64Kb / 1P
REVERSED POLARIZED TNC JACK
09/03/2010
More results


Similar Description - ARTJ-1404

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-2374-RFX AMPHENOL-031-2374-RFX Datasheet
135Kb / 1P
TNC CRIMP JACK RG 58 CABLE
31-6506 AMPHENOL-31-6506 Datasheet
146Kb / 1P
TNC STR JACK RP IP-67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
logo
Winchester Electronics ...
0122-E24-C1601N WINCHESTER-0122-E24-C1601N Datasheet
104Kb / 1P
JACK, BLKHD, TNC CRIMP ATTACHMENT (ROHS COMPLIANT)
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
logo
Molex Electronics Ltd.
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com