Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1404 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTP1404 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTP1404
Download  ARTP1404 Download
File Size   96.7 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Straight Plug Crimp For RG8 / LMR400

ARTP1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTP1404 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTP1404
Download  ARTP1404 Click to download

File Size   96.7 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Straight Plug Crimp For RG8 / LMR400

ARTP1404 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTP1404 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: ≤1.50 @ 0~4 GHz
DURABILITY: ≥ 500 CYCLES
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
-ALL DIMENSIONS ARE FOR REFERENCE ONLY.-




Similar Part No. - ARTP1404

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1406 L-COM-ARTP1406 Datasheet
60Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR400
02/06/14
More results


Similar Description - ARTP1404

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE4683 PASTERNACK-PE4683 Datasheet
206Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com