Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1404 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTP1404
Description  RP-TNC Straight Plug Crimp For RG8 / LMR400
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTP1404 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTP1404 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M.AUDAS
.693
17.6
.311
7.9
.177
4.5
1.4
35.5
.59
15
.88
22.4
.45
11.5
.57
14.5
7/16-28 UNEF
.429
10.90
SOLDER PIN
RECOMMENDED
FERRULE
CRIMP SIZE
RECOMMENDED CABLE
STRIPPING
RECOMMENDED
PIN: -SOLDER-
(OR HEX .110 CRIMP)
F
F
F
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: ≤1.50 @ 0~4 GHz
DURABILITY: ≥ 500 CYCLES
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
-ALL DIMENSIONS ARE FOR REFERENCE ONLY.-
F
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS PHOSPHOR BRONZE
GOLD
OUTER CONTACT
BRASS
NICKEL
COUPLING NUT
BRASS
NICKEL
FERRULE
BRASS
NICKEL
GASKET
MVQ
-
INSULATOR
PTFE
-
RETAINING RING
PHOSPHOR BRONZE
-
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARTP-1404
F
1
1
M.AUDAS
11/11/2009
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
11/11/2009
11/03/2020
F
ECN 10768: UPDATE MAT'L, .45 WAS .44, UPDATE CABLE STRIPPING DIM'S
SRAUTUS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
RP-TNC Straight Plug Crimp For RG8 / LMR400
COAXIAL
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
11/11/2009
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: ARTP-1404.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]


Similar Part No. - ARTP1404

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1406 L-COM-ARTP1406 Datasheet
60Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR400
02/06/14
More results

Similar Description - ARTP1404

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE4683 PASTERNACK-PE4683 Datasheet
206Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com