Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1502 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTP1502 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTP1502
Download  ARTP1502 Download
File Size   27.25 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC STRAIGHT PLUG CRIMP FOR 240 SERIES

ARTP1502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTP1502 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTP1502
Download  ARTP1502 Click to download

File Size   27.25 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC STRAIGHT PLUG CRIMP FOR 240 SERIES

ARTP1502 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTP1502 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.50 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 50 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ARTP1502

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1100 L-COM-ARTP1100 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR RG316 / 100 SERIES
09/22/09
ARTP1404 L-COM-ARTP1404 Datasheet
96Kb / 1P
RP-TNC Straight Plug Crimp For RG8 / LMR400
11/11/2009
ARTP1406 L-COM-ARTP1406 Datasheet
60Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR400
02/06/14
ARTP1606 L-COM-ARTP1606 Datasheet
58Kb / 1P
CON, RP-TNC PLUG CRIMP
04/27/2010
ARTP1708 L-COM-ARTP1708 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR RG58 /LMR195
09/22/09
More results


Similar Description - ARTP1502

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
logo
List of Unclassifed Man...
TC-240-TM-X ETC1-TC-240-TM-X Datasheet
67Kb / 1P
TNC MALE FOR LMR-240 CABLE SOLDER/CRIMP
B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com