Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3713 Datasheet (PDF) - Qorvo, Inc

RFSA3713 Datasheet PDF - Qorvo, Inc
Part # RFSA3713
Download  RFSA3713 Download
File Size   1917.18 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5MHz to 6000MHz, Digital Step Attenuator

RFSA3713 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSA3713 Datasheet PDF - Qorvo, Inc

Part # RFSA3713
Download  RFSA3713 Click to download

File Size   1917.18 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5MHz to 6000MHz, Digital Step Attenuator

RFSA3713 Datasheet (HTML) - Qorvo, Inc


RFSA3713 Product details

Features
■ 7-Bit, 31.75dB Range, 0.25dB Step
■ Patent Pending Circuit Architecture
■ Overshoot-free Transient
Switching Performance
■ Frequency Range 5MHz to
6000MHz
■ High Linearity, IIP3 >55dBm
■ Serial Control Interface
■ Fast Switching Speed, <120nsec
Typical
■ Serial Addressable Supports Up to
Eight Addresses
■ Single Supply 3V to 5V Operation
■ RF Pins Have No DC Voltage, Can
be DC Grounded Externally
■ Power-up Default Setting Is
Maximum Attenuation
Applications
■ 2G through 4G Base Stations
■ Point-to-Point
■ WiMax/WiFi
■ Test Equipment




Similar Part No. - RFSA3713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713PCK-410 RFMD-RFSA3713PCK-410 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713SQ RFMD-RFSA3713SQ Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713SR RFMD-RFSA3713SR Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713TR7 RFMD-RFSA3713TR7 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
More results


Similar Description - RFSA3713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com