Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8712 Datasheet (PDF) - Monolithic Power Systems

MP8712 Datasheet PDF - Monolithic Power Systems
Part # MP8712_V01
Download  MP8712 Download
File Size   1756.59 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP

MP8712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8712 Datasheet PDF - Monolithic Power Systems

Part # MP8712_V01
Download  MP8712 Click to download

File Size   1756.59 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP

MP8712 Datasheet (HTML) - Monolithic Power Systems


MP8712 Product details

DESCRIPTION
The MP8712 is a high-frequency, synchronous, rectified, step-down, switch-mode converter. The MP8712 offers a fully integrated solution that achieves 12A of continuous and 15A of peak output current with excellent load and line regulation over a wide input supply range.
Constant-on-time (COT) control operation provides fast transient response. An open-drain power good pin (PG) indicates that the output voltage is in the nominal range. Full protection features include over-voltage protection (OVP), over-current protection (OCP), and thermal shutdown.
The MP8712 is available in a QFN-14 (3mmx4mm) package.

FEATURES
 Wide 3V to 18V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 Output Adjustable from 0.6V
 15mΩ High-Side, 4.5mΩ Low-Side RDS(ON) for Internal Power MOSFETs
 500kHz Switching Frequency
 External Soft Start (SS)
 Open-Drain Power Good (PG) Indication
 Output Over-Voltage Protection (OVP)
 Hiccup Over-Current Protection (OCP)
 Thermal Shutdown
 Available in a QFN-14 (3mmx4mm) Package

APPLICATIONS
 Solid-State Drives (SSD)
 Flat-Panel Televisions and Monitors
 Set-Top Boxes
 Distributed Power Systems




Similar Part No. - MP8712_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712GL MPS-MP8712GL Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
More results


Similar Description - MP8712_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2229 MPS-MP2229 Datasheet
2Mb / 22P
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
MP8774 MPS-MP8774 Datasheet
1Mb / 24P
12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com